Part Number Hot Search : 
DFLZ13 TIP29C XTC20 12S15 160MT80K A5941 CPDU5V0 AS339A
Product Description
Full Text Search
 

To Download 1N5988A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5985 thru 1N6031-1 DO-35 Axial-Leaded 500 mW Zener Diodes
SCOTTSDALE DIVISION
DESCRIPTION The popular 1N5985 thru 1N6031 series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 200 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available in various military screening levels by adding a prefix identifier as described in the Features section. Microsemi also offers numerous other Zener products to meet higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-35 (DO-204AH)
FEATURES
* JEDEC registered 1N5985 to 1N6031 * Similar to operating current conditions of the BZX55 Pro Electron series of Zener products in Europe * Internal bonds optionally available with "-1" suffix * Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers with "-1" suffix. * Surface mount equivalents available as MLL5985 to MLL6031 in the DO-213AA MELF style package including "-1" suffix options (consult factory for others) * DO-7 glass body axial-leaded Zener equivalents are also available * * * * * * * *
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range Extensive selection from 2.4 to 200 V Standard voltage tolerances are plus/minus 5% with B suffix, 10 % with A suffix identification Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Flexible axial-lead mounting terminals Nonsensitive to ESD (MIL-STD-750 Method 1020) Minimal capacitance (see Figure 2) Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
* Power dissipation at 25 C: 0.5 watts (also see derating in Figure 1). * Operating and Storage temperature: -65C to +175C * Thermal Resistance: 250 C/W junction to lead at 3/8 (10 mm) lead length from body, or 310C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with 4 mm2 copper pads and track width 1 mm, length 25 mm * Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch (10 mm) from body or 0.48 W at TA < 25C when mounted on FR4 PC board as described for thermal resistance above (also see Figure1) * Forward voltage @200 mA: 1.1 volts (maximum) * Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* * * CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 POLARITY: Cathode indicated by band. Diode to be operated with the banded end positive with respect to the opposite end for Zener regulation MARKING: Part number TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.2 grams See package dimensions on last page
* * * *
1N5985 thru 1N6031-1
Copyright 2003 11-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N5985 thru 1N6031-1 DO-35 Axial-Leaded 500 mW Zener Diodes
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS
Nominal Zener Voltage JEDEC Type Number 1N5985 1N5986 1N5987 1N5988 1N5989 1N5990 1N5991 1N5992 1N5993 1N5994 1N5995 1N5996 1N5997 1N5998 1N5999 1N6000 1N6001 1N6002 1N6003 1N6004 1N6005 1N6006 1N6007 1N6008 1N6009 1N6010 1N6011 1N6012 1N6013 1N6014 1N6015 1N6016 1N6017 1N6018 1N6019 1N6020 1N6021 1N6022 1N6023 1N6024 1N6025 1N6026 1N6027 1N6028 1N6029 1N6030 1N6031
@ 30oC Lead Temperature. Lead Length 3/8".
Max. Reverse Leakage Current Typical Temp. Coeff. of Zener Voltage %/oC -0.09 -0.075 -0.07 -0.06 -0.055 -0.045 -0.01 +0.01 +0.025 +0.035 +0.04 +0.044 +0.051 +0.055 +0.061 +0.065 +0.068 +0.073 +0.075 +0.079 +.080 +0.083 +0.085 +0.087 +0.090 +0.091 +0.093 +0.094 +0.094 +0.095 +0.095 +0.096 +0.096 +0.096 +0.097 +0.097 +0.098 +0.098 +0.099 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110
WWW . Microsemi .C OM
Max. Zener Impedance (Note 1) Test Current mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
VZ @ IZT
Volts (Note 2) 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
IZT
OHMS B,C,D A, NonSuffix Suffix 110 100 110 100 100 95 100 95 95 90 95 90 90 88 90 70 88 50 70 25 50 10 25 8.0 10 7.0 15 7.0 18 10 22 15 25 18 32 22 36 25 42 32 48 36 55 42 62 48 70 55 78 62 88 70 95 78 110 88 130 95 170 130 180 150 200 170 225 180 240 200 265 225 280 240 300 265 350 280 400 300 800 500 950 650 1250 800 1400 950 1700 1250 2000 1400 2350 1700 2700 2000
ZZT @ IZT
ZZK @ IZK = 0.25 ma
B,C,D Suffix 1800 1900 2000 2200 2300 2400 2500 2200 2050 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1300 1400 1400 1600 1700 2000 2300 2600 3000 4000 4500 5000 5500 6000 7000 OHMS A, NonSuffix 2000 2200 2300 2400 2500 2500 2500 2500 2500 2200 2050 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1600 1700 2000 2300 2600 3000 4000 4500 5000 5500 6000 7000 8000 9000 B,C,D Suffix 100 75 50 25 15 10 5.0 3.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
A
IR
@ A, NonSuffix 100 100 100 75 50 25 15 10 5.0 3.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR
Volts B,C,D A, NonSuffix Suffix 0.5 1.0 0.5 1.0 0.5 1.0 0.5 1.0 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.0 2.0 1.5 3.0 2.0 4.0 3.0 5.2 4.0 6.0 5.2 6.5 6.0 7.0 6.5 8.0 7.0 8.4 8.0 9.1 8.4 9.9 9.1 11 9.9 12 11 14 12 15 14 17 15 18 17 21 18 23 21 25 23 27 25 30 27 33 30 36 33 39 36 43 39 47 43 52 47 56 52 62 56 69 62 76 69 84 76 91 84 99 91 114 99 122 114 137 122 152
Max. DC Zener Current (Note 3) 208 185 167 152 139 128 116 106 98 89 81 74 67 61 55 50 45 42 38 33 31 28 25 23 21 19 17 15 14 13 12 11 9.8 8.9 8.0 7.4 6.7 6.1 5.5 5.0 4.5 4.2 3.8 3.3 3.1 2.8 2.5
IZM
VZ
1N5985 thru 1N6031-1
*Indicates JEDEC Registered Data. The type number listed indicates a 20% tolerance. For 10% tolerance, add suffix A; for 5% tolerance, add suffix B; for 2% tolerance add suffix C; for 1% tolerance, add suffix D.
NOTES: 1. 2. 3. Zener Impedance is derived from the 1 kHz ac voltage which results when an ac current having an rms value equal to 10% of dc zener current (IZT or IZK) is superimposed on IZT or IZK. See MicroNote 202 for dynamic impedance variation with other operating currents. Voltage Measurements to be performed 20 seconds after application of the dc test current. The maximum zener current IZM shown is for the nominal voltages. The following formula can be used to determine the worst case current for any tolerance device: P IZM = V
ZM
Where VZM is the high end of the voltage tolerance specified and P is the rated power of the device.
Copyright 2003 11-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N5985 thru 1N6031-1 DO-35 Axial-Leaded 500 mW Zener Diodes
SCOTTSDALE DIVISION
GRAPHS
WWW . Microsemi .C OM
Pd, Rated Power Dissipation (mW)
TL Lead Temperature at 3/8" From Body or TA on FR4 PC Board
FIGURE 1 POWER DERATING CURVE
FIGURE 2 CAPACITANCE vs. ZENER VOLTAGE (TYPICAL) PACKAGE DIMENSIONS
1N5985 thru 1N6031-1
All dimensions in INCH mm
Copyright 2003 11-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N5988A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X